Part Number Hot Search : 
02210 HCF4013 HMM5121B ICM72 2506N A1500 STWBC 2SC43
Product Description
Full Text Search
 

To Download SMV1771-079 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA SHEET
SMV1771-079: Hyperabrupt Junction Tuning Varactor
Features
Low series resistance High capacitance ratio Ultra small size SC-79 package Designed for high volume, low cost battery applications Available in tape and reel packaging

Absolute Maximum Ratings
Characteristic Forward current (IF) Power dissipation (PD) Storage temperature (TST) Operating temperature (TOP) ESD human body model Value 20 mA 250 mW -55 C to +150 C -55 C to +125 C Class O
Description
The SMV1771-079 is a silicon hyperabrupt junction varactor diode specifically designed for battery operation.The specified high capacitance ratio and low RS of this varactor make it appropriate for low noise VCOs used at frequencies in wireless systems to beyond 2.5 GHz. Applications include low noise and wideband UHF and VHF VCO for GSM, PCS, CDMA and analog phones.
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Electrical Specifications at 25 C
Parameter Reverse current (IR) Capacitance (CT) Capacitance (CT) Capacitance ratio (CTR) Series resistance (RS) Breakdown voltage (VBR) VR = 8 V VR = 1 V, F = 1 MHz VR = 2.5 V, F = 1 MHz CT (0.5 V)/CT (2.5 V) VR = 1 V, F = 470 MHz IR = 10 A 12.0 22.0 9.5 2.3 2.7 0.4 0.5 V Condition Min. Typ. Max. 20.0 24.0 12.5 Unit nA pF pF
Single Marking: Cathode SC-79 SMV1771-079 LS = 0.7 nH
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200073 Rev. A * Skyworks Proprietary Information. * Products and product information are subject to change without notice. * September 22, 2004
1
PRELIMINARY DATA SHEET * SMV1771-079
Typical Performance Data
35 30
Capacitance vs. Voltage
VR (V) 0.5 1.0 CT (pF) 29.8 22.9 14.07 11.23 9.23 7.86 6.90 6.25 5.80
Capacitance (pF)
25 20 Series 1 15 10 5 0 0.5 1.0 2.5 3.0 3.5 4.0 4.5 5.0
2.0 2.5 3.0 3.5 4.0 4.5 5.0
Volts (V)
Capacitance MEAN Test Data
SPICE Model
PORT P_anode port = 1
SC-79
Cathode Indicator 0.010 (0.25 mm) Min. 0.014 (0.35 mm) Max.
1
0.006 (0.15 mm) Min. 0.028 (0.70 mm) Min. 0.035 (0.90 mm) Max.
IND LS L = LS
2
0.060 (1.50 mm) Min. 0.067 (1.70 mm) Max. 0.043 (1.10 mm) Min. 0.051 (1.30 mm) Max. 0.020 (0.50 mm) Min. 0.028 (0.70 mm) Max. 10 Max.
RES RS R = RS DIODE Varactor_Diode AREA = 1 MODEL = Diode_Model MODE = nonlinear
CAP CP C = CP
10 Max. 0.003 (0.07 mm) Min. 0.008 (0.20 mm) Max.
PORT P_Cathode port = 2
DIODEM Diode_Model IS = 1.00e-14 RS = 0 N=1 TT = 0 CJO = CJO M=M VJ = VJ EG = 1.11 XTI = 3 KF =0 AF =1 FC = 0.5 BV = 0 IBV = 1e-3 ISR = 0 NR = 2 IKF = 0 NBV = 1 IBVL = 0 NBVL = 1 TBV1 = 0 TNOM = 27 FFE = 1
Part Number SMV1771-079
CJO (pF) 31
VJ (V) 12
M 8
CP (pF) 2
RS () 0.4
LS (nH) 0.8
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
September 22, 2004 * Skyworks Proprietary Information. * Products and product information are subject to change without notice. * 200073 Rev. A
PRELIMINARY DATA SHEET * SMV1771-079
Copyright (c) 2002, 2003, 2004, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products. These materials are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials. Skyworks may make changes to its documentation, products, specifications and product descriptions at any time, without notice. Skyworks makes no commitment to update the information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from future changes to its documentation, products, specifications and product descriptions. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by or under this document. Except as may be provided in Skyworks Terms and Conditions of Sale for such products, Skyworks assumes no liability whatsoever in association with its documentation, products, specifications and product descriptions. THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR IMPLIED OR OTHERWISE, RELATING TO SALE AND/OR USE OF SKYWORKS PRODUCTS INCLUDING WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. SKYWORKS FURTHER DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING SPECIAL, INDIRECT, INCIDENTAL, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THESE MATERIALS WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. The following are trademarks of Skyworks Solutions, Inc.: SkyworksTM, the Skyworks logo, and Breakthrough SimplicityTM. Product names or services listed in this publication are for identification purposes only, and may be trademarks of Skyworks or other third parties. Third-party brands and names are the property of their respective owners. Additional information, posted at www.skyworksinc.com, is incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200073 Rev. A * Skyworks Proprietary Information. * Products and product information are subject to change without notice. * September 22, 2004
3


▲Up To Search▲   

 
Price & Availability of SMV1771-079

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X